Part Number Hot Search : 
MMBZ5257 FT0407MD 89HPE SFT6340 AZ920 YA868C15 N431K 95PF80
Product Description
Full Text Search
 

To Download AL5DA140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AL5DAxxxx
3.3V, 5V Asynchronous Dual-Port SRAM 1k/2k/4K/8K/16K/32K x 8/9/16/18-bit Features
! True dual port memory cells up to 256/288Kb ! Fully asynchronous dual-port SRAM aimed at communications market ! Max. access time: 30 ns ! Separate upper byte and lower byte control for multiplexed bus compatibility (only for 16/18 bit devices) ! Supports byte write/read for 16/18 bit devices ! On-chip arbitration logic support 3 modes: Busy, Interrupt and Semaphore - Busy scheme circuit arbitrate between 2 ports - interrupt mechanism allow port to port communication - Full hardware support of semaphore to permit software handshaking between ports ! Versatile pin select for Master or Slave mode: M/ S = VIH for BUSY output flag on master; M/ S = VIL for BUSY input flag on slave ! Expandable data bus to 32/36 bits or more using master/slave chip select when using more than one device ! Separate upper-byte and lower-byte controls for bus matching (only for 16/18 bit devices) ! 3.3v and 5v series low power respectively ! Compatible and functionally equivalent to IDT or Cypress ! Available in 52-PLCC, 68-PLCC, 84-PLCC, 64-TQFP/STQFP, 80-TQFP, 100-TQFP
Architecture
IO 8/9L-15/17L
IO
0L - 7/8L
IO 8/9L -15/17R
IO
0R - 7/8R
A
10L - 14L
A A
10R -14R
A
0L - 9L
0R - 9R
CE L
CE R
OE L
UB L
LB L
OE R
UB R
LB R
R/ W L ( 1, 2 ) BUSY L SEM L (2) INT L
R/ WR ( 1,2 ) BUSY R SEM R ( 2) INTR
M/ S
(c)2003 -Copyright by AverLogic Technologies, Corp.
1-F-PMK008-0001
Function Description
The asynchronous dual-port SRAMs allow fully independent access to any memory location from both ports without the need of an additional discrete logic. There are separate address, data and control signals for each port. They can be utilized as either a standalone 8/9/16/18-bit dual-port static RAM or as a MASTER/SLAVE cascade form in systems requiring 32/36-bit or greater word widths through pin M/ S . Master and slave devices provide two independent ports with separate control, address and I/O pins that permit independent, error-free and asynchronous access for reads and writes to any location in the memory. It is the solution for applications requiring shared or buffered data such as cache memory for DSP, bit-slice, or multiprocessor designs. Each port has independent control pins; chip enable ( CE ), write enable ( R/ W ), and output enable ( OE ). In addition, a Busy, Interrupt or Semaphore logic may be provided to block the port trying to access the same cell location currently being accessed by the other port. The AL5DAxxxx series are high speed asynchronous CMOS dual-port SRAMs configured as
" " " " " " " " " " " " " " " " " "
1K/2K x 8-bit organization (AL5DA002/3; Master; Busy Interrupt;3.3V or 5.V) 2Kx8-bit organization (AL5DA132; Master; Busy; 3.3V or 5.V) 4Kx8-bit organization (AL5DA134; 3.3V or 5.V) 4Kx8-bit organization (AL5DA004; Semaphore; 3.3V or 5.V) 4Kx8-bit organization (AL5DA138; Master/Slave; Busy Interrupt Semaphore; 3.3V or 5.V) 8K/16K/32Kx8-bit organization (AL5DA005/6/7; Master/Slave; Busy Interrupt Semaphore; 3.3V or 5.V) 2Kx9-bit organization (AL5DA013; Master; Busy Interrupt; 3.3V or 5.V) 4Kx9-bit organization (AL5DA139; Master/Slave; Busy Interrupt Semaphore; 3.3V or 5.V) 8K/16K/32Kx9-bit organization (AL5DA015/6/7; Master/Slave; Busy Interrupt Semaphore; 3.3V or 5.V) 2Kx16-bit organization (AL5DA023; Master; Busy; 3.3V or 5.V) 4K/8K/16Kx16-bit organization (AL5DA024/5/61; Master/Slave; Busy Interrupt Semaphore; 3.3V or 5.V) 16Kx16-bit organization (AL5DA026; Master/Slave; Busy Semaphore; 3.3V or 5.V) 4K/8K/16Kx18-bit organization (AL5DA034/5/6; Master/Slave; Busy Interrupt Semaphore, 3.3V or 5.V) 1Kx8-bit organization (AL5DA140; Slave; Busy Interrupt; 3.3V or 5.V) 2Kx8-bit organization (AL5DA142; Slave; Busy; 3.3V or 5.V) 2Kx8-bit organization (AL5DA421; Slave; Busy Interrupt; 3.3V or 5.V) 2Kx9-bit organization (AL5DA125; Slave; Busy Interrupt; 3.3V or 5.V) 2Kx16-bit organization (AL5DA143; Slave; Busy; 3.3V or 5.V)
For more information regarding AL5DAxxxx asynchronous Dual-Port SRAM or other AverLogic products, please contact us, your local authorized representatives or visit our web site.
Applications
! ! ! ! ! ! ! ! ! ! ! ! Cellular Base Stations Multi-protocol Routers Internet Appliance ATM Ethernet LAN/WAN Switches Hubs PBXs RAIDs (Storage Networks) Set-top Boxes Video Conferencing Graphics Accelerators ! ! ! ! ! ! ! ! ! ! ! Audio/Video Editing Ultrasound Imaging Satellite Encoders Cable Modems Flight Simulators High-end Printing Servers Call Distribution Systems Fiber Channel Line Boards Aerospace Instrumentation Industrial Controls Any circuit where data must be passed between different processors
AverLogic Technologies Corp. E-mail: sales@averlogic.com.tw URL: http://www.averlogic.com.tw
AverLogic Technologies, Inc. E-mail: sales_usa@averlogic.com URL: http://www.averlogic.com
(c)2003 -Copyright by AverLogic Technologies, Corp.
1-F-PMK008-0001


▲Up To Search▲   

 
Price & Availability of AL5DA140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X